PART |
Description |
Maker |
AD6122 |
CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator(低功耗接收中频子系统)
|
Analog Devices, Inc.
|
AD6676 |
Wideband IF Receiver Subsystem
|
Analog Devices, Inc.
|
AD6458 |
GSM 3 V Receiver IF Subsystem(用于数字通的IF信号收发子系
|
Analog Devices, Inc.
|
HEDS5145A04 HEDS5145A02 HEDS5145A01 HEDS5145A06 HE |
LTM9001-AD - 16-Bit IF/Baseband Receiver Subsystem; Package: LGA; No of Pins: 81; Temperature Range: -400°C to 85°C LTM9001-AD - 16-Bit IF/Baseband Receiver Subsystem; Package: LGA; No of Pins: 81; Temperature Range: 0°C to 70°C LTC6412 - 800MHz, 31dB Range An alog-Controlled VGA; Package: 24-Lead (4mm × 4mm) Plastic QFN; Temperature Range: 40°C to 85°C LTM9002-AA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: 0 to 70°C 光电 LTM9002-LA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: –40°C to 85°C 光电
|
Infineon Technologies AG Electronic Theatre Controls, Inc.
|
LTM9004 |
14-Bit Direct Conversion Receiver Subsystem
|
Linear Technology
|
LTM9003IV-ABPBF LTM9003CV-AA LTM9003CV-AAPBF LTM90 |
12-Bit Digital Pre-Distortion Receiver Subsystem
|
Linear Technology
|
AD608ARZ AD608AR-REEL |
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
|
Analog Devices
|
AD608 AD608AR |
Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
|
AD[Analog Devices]
|
MGCR01QP1S MGCR01QP1T MGCR01KG MGCR01 |
Dual Band IF Receiver for TDMA/AMPS and CDMA/AMPS Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
|
Zarlink Semiconductor Inc
|
TQ5135 |
3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
|
TriQuint Semiconductor
|
LTM9002CV-LAPBF LTM9002IV-LAPBF LTM9002 LTM9002CV- |
14-Bit Dual-Channel IF/Baseband Receiver Subsystem LTM9002-AA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: –40°C to 85°C SPECIALTY ANALOG CIRCUIT, PBGA108 LTM9002-LA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: –40°C to 85°C SPECIALTY ANALOG CIRCUIT, PBGA108 LTM9002-LA - 14-Bit Dual-Channel IF/ Baseband Receiver Subsystem; Package: 108-Lead (15mm × 11.25mm × 2.3mm) LGA; Temperature Range: 0 to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SKY74091 |
Receiver for CDMA, AMPS, PCS, and GPS Mobile Handset Applications
|
Skyworks Solutions
|